PART |
Description |
Maker |
HV7131RP |
CMOS Image Sensor with Image Signal Processing
|
List of Unclassifed Manufacturers
|
HV7161SPA2 |
CMOS Image Sensor with Image Signal Processing
|
etc
|
LC82101 |
Image Processing Circuit for FAX, Copier, and OCR Products 图像处理电路传真机,复印机,和OCR产品 Image Processing Circuit for FAX/ Copier/ and OCR Products
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MN65531AS |
Low Power 6-Bit CMOS A/D Converter for Image Processing
|
Panasonic Semiconductor
|
MN6557A MN6557AS |
Low-Power-Consumption CMOS 10-Bit D/A Converters for Image Processing
|
Panasonic Semiconductor
|
LC11014-241 |
Computer Image Signal Processing Full-Color Gray-Scale Processor
|
SANYO[Sanyo Semicon Device]
|
S8377-512Q S8377-256Q S8377-128Q S8378-256Q S8378- |
CMOS linear image sensor Built-in timing generator and signal processing circuit; single 5 V supply operation
|
Hamamatsu Corporation
|
MN39116AT |
Diagonal 4.5 mm (type-1/4) 270k-pixel CCD Area Image Sensor IMAGE SENSOR-CCD, SQUARE, THROUGH HOLE MOUNT Image Sensor - Surveillance Cameras(B/W)
|
Panasonic, Corp.
|
YSS205B |
An LSI to Carry Out Audio Signal Processing Needed For Karaoke System Through Digital Processing(卡拉OK音频处理 KARAOKE PROCESSOR
|
Yamaha Corporation List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
Z84C0006PEG Z84C0006VEG Z84C0008AEG Z84C0008PEG Z8 |
CENTRAL PROCESSING UNIT The extensive instruction set contains 158 instructions, instructions,including the 8080A instruction set as a subest Z8400/Z84C00 NMOS/CMOS Z80 CPU Central processing Unit Central Processing Unit
|
Zilog, Inc.
|